| データシートサーチシステム |
|
PCF85263ATT/AJ データシート(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85263ATT/AJ データシート(HTML) 3 Page - NXP Semiconductors |
|
3 / 102 page ![]() NXP Semiconductors PCF85263A Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus 2 Features and benefits • UL Recognized Component (PCF85263ATL) • Provides year, month, day, weekday, hours, minutes, seconds, and 100th seconds based on a 32.768 kHz quartz crystal • Stop-watch mode for elapsed time counting. From 100th seconds to 999 999 hours • Two independent alarms • Battery back-up circuit • Watchdog timer • Three timestamp registers • Two independent interrupt generators plus predefined interrupts at every second, minute, or hour • Frequency adjustment via programmable offset register • Clock operating voltage: 0.9 V to 5.5 V • Low current; typical 0.28 μA at VDD = 3.0 V and Tamb = 25 °C • 400 kHz two-line I2C-bus interface (at VDD = 1.8 V to 5.5 V) • Programmable clock output for peripheral devices (32.768 kHz, 16.384 kHz, 8.192 kHz, 4.096 kHz, 2.048 kHz, 1.024 kHz, and 1 Hz) • Configurable oscillator circuit for a wide variety of quartzes: CL = 6 pF, CL = 7 pF, and CL = 12.5 pF • Packages offered: SI8, TSSOP8, TSSOP10, HXSON10, and WLCSP12 PCF85263A All information provided in this document is subject to legal disclaimers. © 2025 NXP B.V. All rights reserved. Product data sheet Rev. 5.4 — 12 December 2025 Document feedback 3 / 102 |