| データシートサーチシステム |
|
L7805CV データシート(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7805CV データシート(HTML) 10 Page - STMicroelectronics |
|
10 / 34 page ![]() L7800 SERIES 10/34 Table 13: Electrical Characteristics Of L7852C (refer to the test circuits, TJ = 0 to 125°C, VI = 10V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified). (*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. Table 14: Electrical Characteristics Of L7806C (refer to the test circuits, TJ = 0 to 125°C, VI = 11V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified). (*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 5.0 5.2 5.4 V VO Output Voltage IO = 5 mA to 1 A PO ≤ 15W VI = 8 to 20 V 4.95 5.2 5.45 V ∆V O(*) Line Regulation VI = 7 to 25 V TJ = 25°C 3 105 mV VI = 8 to 12 V TJ = 25°C 1 52 ∆V O(*) Load Regulation IO = 5 mA to 1.5 A TJ = 25°C 105 mV IO = 250 to 750 mA TJ = 25°C 52 Id Quiescent Current TJ = 25°C 8 mA ∆I d Quiescent Current Change IO = 5 mA to 1 A 0.5 mA VI = 7 to 25 V 1.3 ∆V O/∆T Output Voltage Drift IO = 5 mA -1 mV/°C eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 42 µV/V O SVR Supply Voltage Rejection VI = 8 to 18 V f = 120Hz 61 dB Vd Dropout Voltage IO = 1 A TJ = 25°C 2 V RO Output Resistance f = 1 KHz 17 m Ω Isc Short Circuit Current VI = 35 V TJ = 25°C 0.75 A Iscp Short Circuit Peak Current TJ = 25°C 2.2 A Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 5.75 6 6.25 V VO Output Voltage IO = 5 mA to 1 A PO ≤ 15W VI = 8 to 21 V 5.766.3 V ∆V O(*) Line Regulation VI = 8 to 25 V TJ = 25°C 120 mV VI = 9 to 13 V TJ = 25°C 60 ∆V O(*) Load Regulation IO = 5 mA to 1.5 A TJ = 25°C 120 mV IO = 250 to 750 mA TJ = 25°C 60 Id Quiescent Current TJ = 25°C 8 mA ∆I d Quiescent Current Change IO = 5 mA to 1 A 0.5 mA VI = 8 to 25 V 1.3 ∆V O/∆T Output Voltage Drift IO = 5 mA -0.8 mV/°C eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 45 µV/V O SVR Supply Voltage Rejection VI = 9 to 19 V f = 120Hz 59 dB Vd Dropout Voltage IO = 1 A TJ = 25°C 2 V RO Output Resistance f = 1 KHz 19 m Ω Isc Short Circuit Current VI = 35 V TJ = 25°C 0.55 A Iscp Short Circuit Peak Current TJ = 25°C 2.2 A |
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |