データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN1045 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN1045
部品情報  ST7 S/W IMPLEMENTATION OF I2C BUS MASTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1045 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN1045 Datasheet HTML 8Page - STMicroelectronics AN1045 Datasheet HTML 9Page - STMicroelectronics AN1045 Datasheet HTML 10Page - STMicroelectronics AN1045 Datasheet HTML 11Page - STMicroelectronics AN1045 Datasheet HTML 12Page - STMicroelectronics AN1045 Datasheet HTML 13Page - STMicroelectronics AN1045 Datasheet HTML 14Page - STMicroelectronics AN1045 Datasheet HTML 15Page - STMicroelectronics AN1045 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
ST7 S/W IMPLEMENTATION OF I2C BUS MASTER
{
if (!I2C_SR2)
/* No communication error detected
*/
{
buff*=2;
/* Shift I2C_DR to receive next bit
*/
#ifdef __HIWARE__
asm
{
nop
nop
nop
}
#else
#ifdef __CSMC__
{
_asm("nop");
_asm("nop");
_asm("nop");
}
#endif
#endif
ClrBit(PADDR,SCL);
/* Rise the SCL line
*/
do{
}while(ValBit(PADR,SCL)!=0);
/* Wait SCL at a high state
*/
if(ValBit(PADR,SDA))
buff|=1;
/* The received bit is 1
*/
else
buff|=0;
/* The received bit is 0
*/
delay(10);
SetBit(PADDR,SCL);
/* SCL at a low level
*/
}
else
r_count_err++;
}
/*--------------------------------------------------------------------------
ROUTINE NAME : I2C_Ack
INPUT/OUTPUT : None.
DESCRIPTION : Send Ack to the slave.
COMMENTS
:
--------------------------------------------------------------------------*/
void I2C_Ack(void)
{
ClrBit(PADR,SDA);
/* The master pulls the SDA line low
*/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16