データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L7824ABV データシート(PDF) 10 Page - STMicroelectronics

部品番号 L7824ABV
部品情報  PRECISION 1A REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7824ABV データシート(HTML) 10 Page - STMicroelectronics

Back Button L7824ABV Datasheet HTML 6Page - STMicroelectronics L7824ABV Datasheet HTML 7Page - STMicroelectronics L7824ABV Datasheet HTML 8Page - STMicroelectronics L7824ABV Datasheet HTML 9Page - STMicroelectronics L7824ABV Datasheet HTML 10Page - STMicroelectronics L7824ABV Datasheet HTML 11Page - STMicroelectronics L7824ABV Datasheet HTML 12Page - STMicroelectronics L7824ABV Datasheet HTML 13Page - STMicroelectronics L7824ABV Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ELECTRICAL CHARACTERISTICS FOR L7815A (Vi = 23V, Io = 1 A, Tj = 0 to 125
oC (L7815AC),
Tj = -40 to 125
oC (L7815AB) unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
Tj =25
oC
14.7
15
15.3
V
Vo
Output Voltage
Io = 5 mA to 1 A
Po
≤ 15 W
Vi = 17.9 to 30 V
14.4
15
15.6
V
∆Vo*
Line Regulation
Vi = 17.9 to 30 V
Io = 500 mA
Vi =20 to 26 V
Vi =20 to 26 V
Tj =25
oC
Vi = 17.5 to 30 V
Tj =25
oC
13
16
6
13
150
150
75
150
mV
mV
mV
mV
∆Vo*
Load Regulation
Io = 5 mA to 1 A
Io = 5 mA to 1.5 A
Tj =25
oC
Io = 250 to 750 mA
25
30
10
100
100
50
mV
mV
mV
Id
Quiescent Current
Tj =25
oC4.4
6
6
mA
∆Id
Quiescent Current Change
Vi = 17.5 to 30 V
Io =500 mA
Vi = 17.5 to 30 V
Tj =25
oC
Io = 5 mA to 1 A
0.8
0.8
0.5
mA
mA
mA
SVR
Supply Voltage Rejection
Vi = 18.5 to 28.5 V
f = 120 Hz
Io = 500 mA
58
dB
Vd
Dropout Voltage
Io =1 A
Tj =25
oC2
V
eN
Output Noise Voltage
B = 10Hz to 100KHz
Tj =25
oC10
µV/Vo
Ro
Output Resistance
f = 1KHz
19
m
Ω
Isc
Short Circuit Current
Vi =35 V
Tamb =25
oC0.2
A
Iscp
Short Circuit Peack Current
Tj =25
oC2.2
A
∆Vo
∆T
Output Voltage Drift
-1
mV/
oC
* Load and line regulation are specified at constant junction temperature. Changes in Vo due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
L7800AB/AC
10/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17