| データシートサーチシステム |
|
L9639 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9639 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 6 page ![]() ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit Vbat Supply Voltage 50 V Iout Output current DC at Is 5 6 A A Top Operating Temperature -40 to 125 °C THERMAL DATA Symbol Parameter Value Unit Rth j-case Thermal Resistance Junction to case Max. 4 °C/W LIVE COMMON NC GND OUT OUT NC V+ GND NC GND SHUNT SHUNT SHUNT GND RCEX NC NC NC VREF 2 7 1 3 4 5 10 8 9 6 19 14 20 18 17 16 11 13 12 15 PIN CONNECTION L9639 2/6 |