データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9651 データシート(PDF) 6 Page - STMicroelectronics

部品番号 L9651
部品情報  SMART QUAD SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9651 データシート(HTML) 6 Page - STMicroelectronics

  L9651 Datasheet HTML 1Page - STMicroelectronics L9651 Datasheet HTML 2Page - STMicroelectronics L9651 Datasheet HTML 3Page - STMicroelectronics L9651 Datasheet HTML 4Page - STMicroelectronics L9651 Datasheet HTML 5Page - STMicroelectronics L9651 Datasheet HTML 6Page - STMicroelectronics L9651 Datasheet HTML 7Page - STMicroelectronics L9651 Datasheet HTML 8Page - STMicroelectronics L9651 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
L9651
6/9
Figure 2. Serial Interface Error Coding
Figure 3. Output voltage TIMING for inductive load
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
OUTPUT 1
OUTPUT 2
OUTPUT 3
OUTPUT 4
BIT n
DI
H
H
LH
H
L
LL
o.k.
open load/over temperature
short to battery
short to ground
VINiH
VINiL
t
t
0.8VCL
VINi
tdoff
tdon
0.8VBAT
0.2VBAT
sON
sOFF
VCL
VOUTi
VBAT



Html Pages

1 2 3 4 5 6 7 8 9