データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9686D データシート(PDF) 3 Page - STMicroelectronics

部品番号 L9686D
部品情報  AUTOMOTIVE DIRECTION INDICATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9686D データシート(HTML) 3 Page - STMicroelectronics

  L9686D Datasheet HTML 1Page - STMicroelectronics L9686D Datasheet HTML 2Page - STMicroelectronics L9686D Datasheet HTML 3Page - STMicroelectronics L9686D Datasheet HTML 4Page - STMicroelectronics L9686D Datasheet HTML 5Page - STMicroelectronics L9686D Datasheet HTML 6Page - STMicroelectronics L9686D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FUNCTIONAL DESCRIPTION
The circuit is designed to drive the direction indi-
cator flasher relay. The application circuit shows
the typical system configuration with the external
components. Its consists of a network (R1 C1)to
determine the oscillator frequency, shunt resistor
(RS) to detect defective bulbs and two current lim-
iting resistors (R2/R3) to protect the IC against
load dump transients.
The lightbulbs L2,L3,L4,L5, are the turn signal in-
dicators with the dashboard-light L6. The S1
switch
position is sensed
across
resistor R2
and Rlamp by input 8. The flashing cycle is started
by closing S1 : then, after a delay time td typically
equal to 1.5 ms, the relay is actuated and the pin
3 goes high switching on the corresponding
lamps L2,L3, (or L4,L5). These lamps will flash at
the oscillator frequency not depending on the bat-
tery voltage value (8 - 18 V). The flashing cycle
stops and the circuit is reset to the initial position
when the switch S1 is open.
The lamp failure detection function senses the
current through the shunt resistor RS. When one
of the lightbulbs is defective the voltage drop
across RS is reduced to a half and the failure is
indicated by doubling the flashing frequency.
ELECTRICAL CHARACTERISTICS (– 20
°C< Tamb <, 100°C, 8V < VS < 18V unless otherwise speci-
fied.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Operating Voltage
8
18
V
V2 – V1
Clamping Voltage
see note 1
27
34
V
V2 – V3
Output Saturation Voltage
IRL = 250mA
1.7
V
R2
Starter Resistance
see note 2
3.6
K
KN
Oscillator Constant KN (normal
Operation)
Fn = 1/KnRoCo
Osc. Frequency
1.27
1.74
CT
Temperature Coefficient of Kn
See Note 3
–1.5
10-3
1/
°C
D.C.
Duty Cycle (normal operation)
45
50
55
%
KC
Oscillator Constant KC
(lamp failure detection)
FC = 1KcRoCo
Osc. Frequency
0.53
0.74
DCLF
Duty Cicle (lamp failure
detection)
35
40
45
%
IQ
Current Consumption Relay off
Ipin 1
VS =8V
VS = 13.5V
V
S = 18V
2.2
2.7
3.3
3.9
4.3
4.7
mA
mA
mA
Vth
Lamp Failure Threshold
(see note 4)
R3 = 220
VS = 13.5V
–20 < Tamb < 100
°C
65
85
95
mV
Notes : 1.
This voltage is the threshold used to protect the circuit against overvoltage : if Vbat is > than this threshold, the relay will be on
and the voltage across the circuit wil l maintain constant increasing the current in the protective resistor R3.
2.
This is the maximum value for operation. This value must be higher than 1 K Ohms in order to limit the current in pin 8 during
dumps. A recommended value for application should be 1,5 K Ohms.
3.
The external leakage from the blinker unit to ground must be with an equivalent resistor higher than 5,6 K Ohms to avoid para-
sitic operation when the switch S1 is off.
4.
This temperature coefficient is usefull to compensate the drift of the external timing network (R1,C1).
5.
This threshold is calculated for a 20 m Ohm shunt. The threshold is dependant of Vbat as the bulb current.
L9686
3/7



Html Pages

1 2 3 4 5 6 7