データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9805 データシート(PDF) 59 Page - STMicroelectronics

部品番号 L9805
部品情報  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 データシート(HTML) 59 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 55Page - STMicroelectronics L9805 Datasheet HTML 56Page - STMicroelectronics L9805 Datasheet HTML 57Page - STMicroelectronics L9805 Datasheet HTML 58Page - STMicroelectronics L9805 Datasheet HTML 59Page - STMicroelectronics L9805 Datasheet HTML 60Page - STMicroelectronics L9805 Datasheet HTML 61Page - STMicroelectronics L9805 Datasheet HTML 62Page - STMicroelectronics L9805 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 103 page
background image
59/103
L9805
5.6 CONTROLLER AREA NETWORK (CAN)
5.6.1 Introduction
This peripheral is designed to support serial data
exchanges using a multi-master contention based
priority scheme as described in CAN specification
Rev. 2.0 part A. It can also be connected to a 2.0 B
network without problems, since extended frames
are checked for correctness and acknowledged
accordingly although such frames cannot be trans-
mitted nor received. The same applies to overload
frames which are recognized but never initiated.
Figure 34. CAN Block Diagram
TX/RX
Buffer 1
10 Bytes
TX/RX
Buffer 2
10 Bytes
TX/RX
Buffer 3
10 Bytes
ID
Filter 0
4 Bytes
ID
Filter 1
4 Bytes
ST7 Interface
PSR
ICR
ISR
BRPR
CSR
TECR
RECR
CAN 2.0B passive Core
SHREG
BCDL
CRC
BTL
RX
TX
EML
ST7 Internal Bus
BTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More