データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AX88179A データシート(PDF) 21 Page - ASIX Electronics Corporation

部品番号 AX88179A
部品情報  USB 3.2 Gen1 to Gigabit Ethernet Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ASIX [ASIX Electronics Corporation]
ホームページ  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88179A データシート(HTML) 21 Page - ASIX Electronics Corporation

Back Button AX88179A Datasheet HTML 14Page - ASIX Electronics Corporation AX88179A Datasheet HTML 15Page - ASIX Electronics Corporation AX88179A Datasheet HTML 16Page - ASIX Electronics Corporation AX88179A Datasheet HTML 17Page - ASIX Electronics Corporation AX88179A Datasheet HTML 18Page - ASIX Electronics Corporation AX88179A Datasheet HTML 19Page - ASIX Electronics Corporation AX88179A Datasheet HTML 20Page - ASIX Electronics Corporation AX88179A Datasheet HTML 21Page - ASIX Electronics Corporation AX88179A Datasheet HTML 22Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
AX88179A
USB 3.2 Gen1 to Gigabit Ethernet Controller
Copyright © 2020-2021 ASIX Electronics Corporation. All rights reserved.
7 Ordering Information
Part Number
Description
AX88179AQF
40-pin QFN lead Free package, Commercial temperature range: 0 to 70°C.
8 Revision History
Revision
Date
Comments
V0.10
2020/10/13 Preliminary release.
V0.20
2020/10/21 1.Modified some descriptions in Section 1.4, 3.1, 4.3.
2.Updated the package information in Section 6.
3.Updated the part number information in Section 7.
V0.30
2021/01/08 Updated Wake-on-LAN Functions in Features page
V0.40
2021/01/26 Corrected USB Device Controller Functions in Features page
V0.50
2021/06/16 1.Modified some descriptions in Section 1.4.4
2.Updated Table 5-2.
V1.00
2021/06/25 Updated some description in Section 1.4.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22