| データシートサーチシステム |
|
PN8368SSC-R1D データシート(PDF) 11 Page - Wuxi Chipown Micro-electronics limited |
|
|
|||||||||||||||||||||||||||||
PN8368SSC-R1D データシート(HTML) 11 Page - Wuxi Chipown Micro-electronics limited |
|
11 / 12 page ![]() PN8368 Chipown www.chipown.com © 2017 Wuxi Chipown Microelectronics Limited Rev.1710 Oct.-2017 11 / 12 Tape and Reel Information SOP-7 Package A (mm) T (mm) T1 (mm) H (mm) ØC (mm) ØD (mm) d (mm) A0 (mm) B0 (mm) K0 (mm) 330±1.0 3 +1/-0 12.4 +1/-0 100±0.5 12.00 +0.5/-0.2 17.70 ±0.40 2.00 +0.5/-0.2 6.60 ±0.1 5.2±0.1 1.9±0.1 W (mm) F (mm) E1 (mm) P0 (mm) P1 (mm) P2 (mm) ØD0 (mm) ØD1 (mm) Pin 1 Quadrant 12.00 ±0.1 5.50±0.1 1.75 ±0.10 4.00 ±0.10 8.0 ±0.1 2.0 ±0.1 1.5 +0.1/-0 1.55 ±0.05 UL Notes: 1. This drawing is subjected to change without notice. 2. All dimensions are nominal and in mm. 3. This drawing is not in scale and for reference only. Customer can contact Chipown sales representative for further details. 4. The number of flange openings depends on the reel size and assembly site. This drawing shows an example only. |