| データシートサーチシステム |
|
DS14285S/TR データシート(PDF) 24 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS14285S/TR データシート(HTML) 24 Page - Dallas Semiconductor |
|
24 / 26 page ![]() DS14285/DS14287 24 of 26 PACKAGE INFORMATION (The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/DallasPackInfo.) DS14285 24-PIN DIP PKG 24-PIN DIM MIN MAX A IN. MM 1.245 31.62 1.270 32.25 B IN. MM 0.530 13.46 0.550 13.97 C IN. MM 0.140 3.56 0.160 4.06 D IN. MM 0.600 15.24 0.625 15.88 E IN. MM 0.015 0.380 0.050 1.27 F IN. MM 0.120 3.05 0.145 3.68 G IN. MM 0.090 2.29 0.110 2.79 H IN. MM 0.625 15.88 0.675 17.15 J IN. MM 0.008 0.20 0.012 0.30 K IN. MM 0.015 0.38 0.022 0.56 DS14285 24-PIN SO PKG 24-PIN DIM MIN MAX A IN. MM 0.602 15.29 0.612 15.54 B IN. MM 0.290 7.37 0.300 7.65 C IN. MM 0.089 2.26 0.095 2.41 E IN. MM 0.004 0.102 0.012 0.30 F IN. MM 0.094 2.38 0.105 2.68 G IN. MM 0.050 BSC 1.27 BSC H IN. MM 0.398 10.11 0.416 10.57 J IN. MM 0.009 0.229 0.013 0.33 K IN. MM 0.013 0.33 0.019 0.48 L IN. MM 0.016 0.406 0.040 1.02 phi 0 ° 8 ° |