| データシートサーチシステム |
|
AD8193ACPZ-R7 データシート(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8193ACPZ-R7 データシート(HTML) 14 Page - Analog Devices |
|
14 / 16 page ![]() AD8193 Rev. 0 | Page 14 of 16 Evaluation Board The AD8193 evaluation board illustrates one way to implement a 2:1 HDMI link switch with an AD8193 and a CMOS switch. The AD8193 evaluation board deviates from a typical applica- tion in that it uses an HDMI connector for the output as well as for the inputs. This setup makes it easy to connect equipment to the AD8193 evaluation board with standard HDMI cables. However, this arrangement requires crossing over the TMDS signals on the output side (see Figure 24). In a typical application, the output of the AD8193 is routed directly into an HDMI receiver. Because a receiver is generally designed to interface directly to an HDMI input connector, it is not necessary to cross over the TMDS signals in a typical application (see Figure 25). CROSSOVER REQUIRED HDMI CONNECTOR 1 19 19 AD8193 HDMI CONNECTOR 1 1 19 HDMI CONNECTOR Figure 24. Block Diagram of AD8193 Evaluation Board Showing Output Crossover HDMI CONNECTOR HDMI RECEIVER 1 19 AD8193 Figure 25. HDMI Signals to HDMI Receiver, No Crossover Required |