データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AP4800AGM データシート(PDF) 5 Page - Advanced Power Electronics Corp.

部品番号 AP4800AGM
部品情報  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  A-POWER [Advanced Power Electronics Corp.]
ホームページ  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4800AGM データシート(HTML) 5 Page - Advanced Power Electronics Corp.

  AP4800AGM_07 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4800AGM_07 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4800AGM_07 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4800AGM_07 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4800AGM_07 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Package Outline : SO-8
Millimeters
SYMBOLS
MIN
NOM MAX
A
1.35
1.55
1.75
A1
0.10
0.18
0.25
B
0.33
0.41
0.51
C
0.19
0.22
0.25
D
4.80
4.90
5.00
E1
3.80
3.90
4.00
E
5.80
6.15
6.50
L
0.38
0.71
1.27
θ
0
4.00
8.00
e
1.All Dimension Are In Millimeters.
2.Dimension Does Not Include Mold Protrusions.
Part Marking Information & Packing : SO-8
1.27 TYP
ADVANCED POWER ELECTRONICS CORP.
c
DETAIL A
A1
A
4800AGM
YWWSSS
Package Code
Part Number
DETAIL A
L
θ
Date Code (YWWSSS)
Y:Last Digit Of The Year
WW:Week
SSS:Sequence
e
B
1
34
5
6
7
8
2
D
E1
E
meet Rohs requirement
5



Html Pages

1 2 3 4 5