| データシートサーチシステム |
|
STM32L4P5CEU6TR データシート(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU6TR データシート(HTML) 96 Page - STMicroelectronics |
|
96 / 311 page ![]() - --- -- --- - G10 G10 87 87 J12 J12 PG2 I/O FT _s - SPI1_SCK, SDMMC2_D4, FMC_A12, SAI2_SCK_B, EVENTOUT - - --- -- --- - F9 F9 88 88 J11 J11 PG3 I/O FT _s - SPI1_MISO, SDMMC2_D5, FMC_A13, SAI2_FS_B, EVENTOUT - - --- -- --- - F10 F10 89 89 J10 J10 PG4 I/O FT _s - SPI1_MOSI, SDMMC2_D6, FMC_A14, SAI2_MCLK_B, EVENTOUT - - --- -- --- - E9 E9 90 90 J9 J9 PG5 I/O FT _s - SPI1_NSS, LPUART1_CTS, SDMMC2_D7, FMC_A15, SAI2_SD_B, EVENTOUT - - --- -- --- - G4 G4 91 91 G11 G11 PG6 I/O FT _s - OCTOSPIM_P1_DQS , I2C3_SMBA, LPUART1_RTS_DE, LCD_R1, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |