| データシートサーチシステム |
|
STM32L4P5CEU6TR データシート(PDF) 113 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU6TR データシート(HTML) 113 Page - STMicroelectronics |
|
113 / 311 page ![]() - - - - - - - - 97 97 C3 C3 140 141 A4 A4 PE0 I/O FT - TIM4_ETR, DCMI_D2/PSSI_D2, LCD_HSYNC, FMC_NBL0, TIM16_CH1, EVENTOUT - - --- -- -- NC 98 A2 A2 141 142 B4 B4 PE1 I/O FT (3) DCMI_D3/PSSI_D3, LCD_VSYNC, FMC_NBL1, TIM17_CH1, EVENTOUT - 46 - 46 - 62 - A9 - 98 - C6 - 142 - C6 - VDD12 - - - - - 47 47 47 47 63 63 B9 A9 99 99 D3 D3 143 143 B3 B3 VSS S - - - - 48 48 48 48 64 64 A10 A10 100 100 C4 C4 144 144 A3 A3 VDD S - - - - - --- -- --- - C4 C4 - - A3 A3VDD S - - - - - --- -- --- - D3 D3 - - B3 B3 VSS S - - - - - --- -- --- -- --- A2 A2 PH2 I/O FT - OCTOSPIM_P1_IO4, EVENTOUT - - --- -- --- -- --- B2 B2 PI7 I/O FT - TIM8_CH3, OCTOSPIM_P2_NCL K, DCMI_D7/PSSI_D7, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |