| データシートサーチシステム |
|
TLE49SRP8 データシート(PDF) 19 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE49SRP8 データシート(HTML) 19 Page - Infineon Technologies AG |
|
19 / 40 page ![]() • A CRC nibble of 12-27 UT • Optional a pause pulse Synchronisation Frame 56 UT 12 … 27 UT 12 … 27 UT 12 … 27 UT 12 … 27 UT 12 … 27 UT Status Nibble Data Nibble 1 Data Nibble 3 Data Nibble 2 CRC Figure 9 SENT standard frame Single secure sensor: The protocol consists of following nibbles • A synchronization pulse (56UT) • A status nibble of 12-27 UT • 3 data nibbles of 12-27 UT, transmitting a 12bit angle value • 2 nibbles with a 8bit rolling counter information • 1 nibble as the inverted 1st data nibble • A CRC nibble of 12-27 UT • A pause pulse, this is optional and can be deactivated • A short serial message, this is optional and can be deactivated Synchronisation Frame 56 UT 12 … 27 UT 12 … 27 UT 12 … 27 UT 12 … 27 UT 12 … 27 UT Status Nibble Data Nibble 1 Data Nibble 3 Data Nibble 2 CRC 12 … 27 UT 12 … 27 UT Inverted Data Nibble 1 Rolling Counter Rolling Counter 12 … 27 UT Figure 10 SENT single secure frame SENT nibble low time The nibble low time tlow can be configured to be 3UT or 5UT. This can reduce the overall frame length. The low time includes the fall time of the edge, therefore it has to be ensured that the fall time of the edge is fast enough to reach the low level within the configured low time (SENT Configuration Parameters [EC-Table]). Note: A nibble low time of 3UT is not compliant with the SENT standard SAE J2716 JAN2010. Synchronisation Frame Status Nibble Data Nibble 1 Data Nibble 3 Data Nibble 2 tlow Figure 11 SENT nibble low time TLE49SR Datasheet 5 Specific module descriptions Datasheet 19 Rev. 1.1.1 2024-03-13 |