データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L4P5CEU6P データシート(PDF) 111 Page - STMicroelectronics

部品番号 STM32L4P5CEU6P
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P データシート(HTML) 111 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 107Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 108Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 109Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 110Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 111Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 112Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 113Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 114Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 311 page
background image
42
42
42
42
57
58
A7
A7
92
92
B5
B5
135 136
C5
C5
PB6
I/O
FT
_fa
-
LPTIM1_ETR,
TIM4_CH1,
TIM8_BKIN2,
I2C1_SCL,
I2C4_SCL,
USART1_TX,
TSC_G2_IO3,
DCMI_D5/PSSI_D5,
LCD_R6,
SAI1_FS_B,
TIM16_CH1N,
EVENTOUT
COMP2_INP
43
43
43
43
58
59
B7
D7
93
93
B4
B4
136 137
D5
D5
PB7
I/O
FT
_fl
a
-
LPTIM1_IN2,
TIM4_CH2,
TIM8_BKIN,
I2C1_SDA,
I2C4_SDA,
USART1_RX,
UART4_CTS,
TSC_G2_IO4,
DCMI_VSYNC/PSSI_
RDY, LCD_VSYNC,
FMC_NL,
TIM17_CH1N,
EVENTOUT
COMP2_INM,
PVD_IN
44
44
44
44
59
60
D7
E6
94
94
A4
A4
137 138
E5
E5
PH3-
BOOT0
I/O FT
-
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More