| データシートサーチシステム |
|
STM32L4P5CEI3P データシート(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEI3P データシート(HTML) 91 Page - STMicroelectronics |
|
91 / 311 page ![]() - --- -- --- -- --- N10 N10 PH8 I/O FT _f - I2C3_SDA, OCTOSPIM_P2_IO3, DCMI_HSYNC/PSSI_ DE, EVENTOUT - - --- -- --- -- --- M9 M9 PH10 I/O FT - TIM5_CH1, OCTOSPIM_P2_IO5, DCMI_D1/PSSI_D1, EVENTOUT - - --- -- --- -- --- NC M1 0 PH11 I/O FT (3) TIM5_CH2, OCTOSPIM_P2_IO6, DCMI_D2/PSSI_D2, EVENTOUT - - --- -- --- - F6 F6 - - C2 C2 VSS S - - - - - --- -- --- - G6 G6 - - L12 L12 VDD S - - - - 22 - 22 - 30 - K1 - 48 - L11 - 70 - M1 0 -VDD12 S - - - - 23 23 23 23 31 31 K2 K2 49 49 F12 F12 71 71 A7 A7 VSS S - - - - 24 24 24 24 32 32 J2 K1 50 50 G12 G12 72 72 N11 N11 VDD S - - - - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |