データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L4P5CEU3P データシート(PDF) 86 Page - STMicroelectronics

部品番号 STM32L4P5CEU3P
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU3P データシート(HTML) 86 Page - STMicroelectronics

Back Button STM32L4P5CEU3P Datasheet HTML 82Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 83Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 84Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 85Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 86Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 87Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 88Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 89Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 311 page
background image
19
19
19
19
26
27
K7
K7
36
36
M6
M6
47
47
L5
L5
PB1
I/O
FT
_a
-
TIM1_CH3N,
TIM3_CH4,
TIM8_CH3N,
DFSDM1_DATIN0,
USART3_RTS_DE,
LPUART1_RTS_DE,
OCTOSPIM_P1_IO0,
LCD_G6,
LPTIM2_IN1,
EVENTOUT
COMP1_INM,
ADC12_IN16
20
20
20
20
27
28
J6
F5
37
37
L6
L6
48
48
N5
N5
PB2
I/O
FT
_a
-
RTC_OUT2,
LPTIM1_OUT,
I2C3_SMBA,
DFSDM1_CKIN0,
OCTOSPIM_P1_DQS
, EVENTOUT
COMP1_INP
-
---
--
---
-
K6
K6
49
49
M5
M5
PF11
I/O FT
-
OCTOSPIM_P1_NCL
K, LCD_DE,
DCMI_D12/PSSI_D1
2, EVENTOUT
-
-
---
--
---
-
J7
J7
50
50
N6
N6
PF12
I/O FT
-
OCTOSPIM_P2_DQS
, LCD_B0, FMC_A6,
EVENTOUT
-
-
---
--
---
-
E3
E3
51
51
H2
H2
VSS
S
-
-
-
-
-
---
--
---
-
H3
H3
52
52
N7
N7
VDD
S
-
-
-
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More