データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L4P5CEU3P データシート(PDF) 113 Page - STMicroelectronics

部品番号 STM32L4P5CEU3P
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU3P データシート(HTML) 113 Page - STMicroelectronics

Back Button STM32L4P5CEU3P Datasheet HTML 109Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 110Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 111Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 112Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 113Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 114Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 115Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 116Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 311 page
background image
-
-
-
-
-
-
-
-
97
97
C3
C3
140 141
A4
A4
PE0
I/O FT
-
TIM4_ETR,
DCMI_D2/PSSI_D2,
LCD_HSYNC,
FMC_NBL0,
TIM16_CH1,
EVENTOUT
-
-
---
--
--
NC
98
A2
A2
141 142
B4
B4
PE1
I/O FT (3)
DCMI_D3/PSSI_D3,
LCD_VSYNC,
FMC_NBL1,
TIM17_CH1,
EVENTOUT
-
46
-
46
-
62
-
A9
-
98
-
C6
-
142
-
C6
-
VDD12
-
-
-
-
-
47
47
47
47
63
63
B9
A9
99
99
D3
D3
143 143
B3
B3
VSS
S
-
-
-
-
48
48
48
48
64
64
A10 A10 100 100
C4
C4
144 144
A3
A3
VDD
S
-
-
-
-
-
---
--
---
-
C4
C4
-
-
A3
A3VDD
S
-
-
-
-
-
---
--
---
-
D3
D3
-
-
B3
B3
VSS
S
-
-
-
-
-
---
--
---
--
---
A2
A2
PH2
I/O FT
-
OCTOSPIM_P1_IO4,
EVENTOUT
-
-
---
--
---
--
---
B2
B2
PI7
I/O FT
-
TIM8_CH3,
OCTOSPIM_P2_NCL
K,
DCMI_D7/PSSI_D7,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More