| データシートサーチシステム |
|
STM32L4P5CEU3P データシート(PDF) 236 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU3P データシート(HTML) 236 Page - STMicroelectronics |
|
236 / 311 page ![]() Electrical characteristics STM32L4P5xx 236/311 DS12903 Rev 2 twh(CKIN) twl(CKIN) Input clock high and low time SPI mode (SITP[1:0]=0,1), External clock mode (SPICKSEL[1:0]=0), 1.71 < VDD < 3.6 V TCKIN/2-0.5 TCKIN/2 - ns tsu Data input setup time SPI mode (SITP[1:0]=0,1), External clock mode (SPICKSEL[1:0]=0), 1.71 < VDD < 3.6 V 2- - th Data input hold time SPI mode (SITP[1:0]=0,1), External clock mode (SPICKSEL[1:0]=0), 1.71 < VDD < 3.6 V 0.5 - - TManchester Manchester data period (recovered clock period) Manchester mode (SITP[1:0]=2,3), Internal clock mode (SPICKSEL[1:0] ≠0), 1.71 < VDD < 3.6 V (CKOUTDIV+1) * TDFSDMCLK - (2*CKOUTDIV) * TDFSDMCLK 1. Guaranteed by characterization results. Table 91. DFSDM characteristics(1) (continued) Symbol Parameter Conditions Min Typ Max Unit |