データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L4P5CEI6 データシート(PDF) 64 Page - STMicroelectronics

部品番号 STM32L4P5CEI6
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEI6 データシート(HTML) 64 Page - STMicroelectronics

Back Button STM32L4P5CEI6 Datasheet HTML 60Page - STMicroelectronics STM32L4P5CEI6 Datasheet HTML 61Page - STMicroelectronics STM32L4P5CEI6 Datasheet HTML 62Page - STMicroelectronics STM32L4P5CEI6 Datasheet HTML 63Page - STMicroelectronics STM32L4P5CEI6 Datasheet HTML 64Page - STMicroelectronics STM32L4P5CEI6 Datasheet HTML 65Page - STMicroelectronics STM32L4P5CEI6 Datasheet HTML 66Page - STMicroelectronics STM32L4P5CEI6 Datasheet HTML 67Page - STMicroelectronics STM32L4P5CEI6 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 311 page
background image
Functional overview
STM32L4P5xx
64/311
DS12903 Rev 2
3.43.2
Embedded Trace Macrocell™
The Arm® Embedded Trace Macrocell provides a greater visibility of the instruction and data
flow inside the CPU core by streaming compressed data at a very high rate from the
devices through a small number of ETM pins to an external hardware trace port analyzer
(TPA) device. Real-time instruction and data flow activity being recorded and then formatted
for display on the host computer that runs the debugger software. TPA hardware is
commercially available from common development tool vendors.
The Embedded Trace Macrocell operates with third party debugger software tools.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More