データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L7805CV1 データシート(PDF) 24 Page - STMicroelectronics

部品番号 L7805CV1
部品情報  POSITIVE VOLTAGE REGULATORS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805CV1 データシート(HTML) 24 Page - STMicroelectronics

Back Button L7805CV1 Datasheet HTML 20Page - STMicroelectronics L7805CV1 Datasheet HTML 21Page - STMicroelectronics L7805CV1 Datasheet HTML 22Page - STMicroelectronics L7805CV1 Datasheet HTML 23Page - STMicroelectronics L7805CV1 Datasheet HTML 24Page - STMicroelectronics L7805CV1 Datasheet HTML 25Page - STMicroelectronics L7805CV1 Datasheet HTML 26Page - STMicroelectronics L7805CV1 Datasheet HTML 27Page - STMicroelectronics L7805CV1 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
L7800 SERIES
24/34
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
11.85
0.466
B
0.96
1.05
1.10
0.037
0.041
0.043
C
1.70
0.066
D
8.7
0.342
E
20.0
0.787
G
10.9
0.429
N
16.9
0.665
P
26.2
1.031
R
3.88
4.09
0.152
0.161
U
39.5
1.555
V
30.10
1.185
TO-3 MECHANICAL DATA
P003C/C
R
C
D
A
P
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34