データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY28316PVC データシート(PDF) 10 Page - Cypress Semiconductor

部品番号 CY28316PVC
部品情報  FTG for VIA PL133T and PLE133T
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28316PVC データシート(HTML) 10 Page - Cypress Semiconductor

Back Button CY28316PVC Datasheet HTML 6Page - Cypress Semiconductor CY28316PVC Datasheet HTML 7Page - Cypress Semiconductor CY28316PVC Datasheet HTML 8Page - Cypress Semiconductor CY28316PVC Datasheet HTML 9Page - Cypress Semiconductor CY28316PVC Datasheet HTML 10Page - Cypress Semiconductor CY28316PVC Datasheet HTML 11Page - Cypress Semiconductor CY28316PVC Datasheet HTML 12Page - Cypress Semiconductor CY28316PVC Datasheet HTML 13Page - Cypress Semiconductor CY28316PVC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CY28316
Document #: 38-07125 Rev. *B
Page 10 of 18
Bit 5
–
Reserved
0
Reserved.
Bit 4
–
Reserved
0
Reserved.
Bit 3
–
Reserved
0
Reserved.
Bit 2
–
Reserved
0
Reserved.
Bit 1
-
Reserved
0
Reserved.
Table 5. Additional Frequency Selections through Serial Data Interface Data Bytes
Input Conditions
Output Frequency
PLL Gear
Constant (G)
FS4
FS3
FS2
FS1
FS0
CPU
PCI
SEL4
SEL3
SEL2
SEL1
SEL0
0
0
0
0
0
200.0
33.3
48.000741
0
0
0
0
1
190.0
38.0
48.000741
0
0
0
1
0
180.0
36.0
48.000741
0
0
0
1
1
170.0
34.0
48.000741
0
0
1
0
0
166.0
33.2
48.000741
0
0
1
0
1
160.0
32.0
48.000741
0
0
1
1
0
150.0
37.5
48.000741
0
0
1
1
1
145.0
36.3
48.000741
0
1
0
0
0
140.0
35.0
48.000741
0
1
0
0
1
136.0
34.0
48.000741
0
1
0
1
0
130.0
32.5
48.000741
0
1
0
1
1
124.0
31.0
48.000741
0
1
1
0
0
67.2
33.6
48.000741
0
1
1
0
1
100.8
33.6
48.000741
0
1
1
1
0
118.0
39.3
48.000741
0
1
1
1
1
134.4
33.6
48.000741
1
0
0
0
0
67.0
33.5
48.000741
1
0
0
0
1
100.5
33.5
48.000741
1
0
0
1
0
115.0
38.3
48.000741
1
0
0
1
1
134.0
33.5
48.000741
1
0
1
0
0
66.8
33.4
48.000741
1
0
1
0
1
100.2
33.4
48.000741
1
0
1
1
0
110.0
36.7
48.000741
1
0
1
1
1
133.6
33.4
48.000741
1
1
0
0
0
105.0
35.0
48.000741
1
1
0
0
1
90.0
30.0
48.000741
1
1
0
1
0
85.0
28.3
48.000741
1
1
0
1
1
78.0
39.0
48.000741
1
1
1
0
0
66.6
33.3
48.000741
1
1
1
0
1
100.0
33.3
48.000741
1
1
1
1
0
75.0
37.5
48.000741
1
1
1
1
1
133.3
33.3
48.000741
Byte 17: Reserved Register (continued)
Bit
Pin#
Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18