データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

84C44X データシート(PDF) 1 Page - NXP Semiconductors

部品番号 84C44X
部品情報  8-bit microcontrollers with OSD and VST
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

84C44X データシート(HTML) 1 Page - NXP Semiconductors

  84C44X Datasheet HTML 1Page - NXP Semiconductors 84C44X Datasheet HTML 2Page - NXP Semiconductors 84C44X Datasheet HTML 3Page - NXP Semiconductors 84C44X Datasheet HTML 4Page - NXP Semiconductors 84C44X Datasheet HTML 5Page - NXP Semiconductors 84C44X Datasheet HTML 6Page - NXP Semiconductors 84C44X Datasheet HTML 7Page - NXP Semiconductors 84C44X Datasheet HTML 8Page - NXP Semiconductors 84C44X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
October 1994
2
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
CONTENTS
1
FEATURES
1.1
PCF84CXXXA kernel
1.2
Derivative features PCA84C640
2
GENERAL DESCRIPTION
2.1
Important
3
ORDERING INFORMATION
4
BLOCK DIAGRAM
5
PINNING INFORMATION
6
DIFFERENCES
7
RESET
7.1
Power-on-reset
8
ANALOG CONTROL
8.1
6-bit PWM DACs
8.1.1
Pin selection for PWM outputs
8.1.2
Polarity of the PWM outputs
8.1.3
Analog output voltage
9
VST CONTROL
9.1
14-bit PWM DAC
9.1.1
14-bit counter
9.1.2
Data and interface latches
9.2
Coarse adjustment
9.3
Fine adjustment
10
AFC INPUT
11
INPUT/OUTPUT ( I/O)
12
ON SCREEN DISPLAY
12.1
Features
12.2
Horizontal display position control
12.3
Vertical display position control
12.4
Clock generator
12.4.1
RC oscillator
12.4.2
LC oscillator
12.5
Display data registers
12.6
Display control registers
12.6.1
Derivative register OSDCA
12.6.2
Derivative registers LINE 0A and LINE 0B
12.6.3
Derivative registers LINE 1A and LINE 1B
12.6.4
Derivative register OSDCB
12.7
OSD display position
12.7.1
Vertical position
12.7.2
Horizontal position
12.8
OSD character size and colour selection
12.8.1
Character size
12.8.2
Colour selection
12.9
Character ROM
13
EMULATION MODE
14
REGISTER MAP
15
LIMITING VALUES
16
DC CHARACTERISTICS
17
AC CHARACTERISTICS
17.1
Characteristic curves
18
PACKAGE OUTLINE
19
SOLDERING
19.1
Plastic dual in-line packages
19.1.1
By dip or wave
19.1.2
Repairing soldered joints
20
DEFINITIONS
21
LIFE SUPPORT APPLICATIONS
22
PURCHASE OF PHILIPS I2C COMPONENTS


同様の部品番号 - 84C44X

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
84C44X PHILIPS-84C44X Datasheet
236Kb / 40P
8-bit microcontrollers with OSD and VST
1996 Nov 29
More results

同様の説明 - 84C44X

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
8-Bit CMOS OTP Microcontrollers with 16k Memory and
logo
NXP Semiconductors
PCE84C486 PHILIPS-PCE84C486 Datasheet
168Kb / 36P
Microcontrollers for digital auto-sync and VST TV controller applications
1996 Feb 21
PCA84C640 PHILIPS-PCA84C640 Datasheet
236Kb / 40P
8-bit microcontrollers with OSD and VST
1996 Nov 29
logo
Integral Corp.
INA84C640 INTEGRAL-INA84C640 Datasheet
24Kb / 2P
8-BIT MICROCONTROLLERS WITH OCD AND VST
INA84C641 INTEGRAL-INA84C641 Datasheet
89Kb / 2P
8-BIT MICROCONTROLLERS WITH OCD AND VST
logo
NXP Semiconductors
SAA55XX PHILIPS-SAA55XX Datasheet
348Kb / 84P
TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
logo
KODENSHI_AUK CORP.
KKA84C640ANS KODENSHI-KKA84C640ANS Datasheet
142Kb / 3P
8-BIT MICROCONTROLLERS WITH OCD AND VST
KKA84C641 KODENSHI-KKA84C641 Datasheet
174Kb / 3P
Z8-BIT MICROCONTROLLERS WITH OCD AND VST
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
8-bit Microcontrollers
logo
InnovASIC, Inc
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
16-Bit/8-Bit Microcontrollers with RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com