データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSS1506 データシート(PDF) 1 Page - Mosel Vitelic, Corp

部品番号 MSS1506
部品情報  VOICE ROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOSEL [Mosel Vitelic, Corp]
ホームページ  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS1506 データシート(HTML) 1 Page - Mosel Vitelic, Corp

  MSS1506 Datasheet HTML 1Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 2Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 8Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOSEL VITELIC
MSS1506
MOSEL
DECEMBER
VOICE ROM
Features
Single power can operate at 2.4 V through 6V.
Current output could drive 8 ohm speaker with a
transistor, Vout could drive buzzer directly.
The voice content is stored up to 15 seconds and
can be separated to 64 sections.
Duration of each section can be different.
Mute
is
available
for
each
section
up
to
48
seconds totally.
A Forever Play function is available.
Four addressing interface modes are provided for
versatile
applications:
CPU,
Stand
alone,
Ring
Trigger and Table Trigger.
Stand alone mode:
8 sections can be accessed by 8 trigger input
pins individually.
Table trigger mode:
a. A phrase is accessed by TG0, low active.
b. This
phrase
is
composed
of
16
elements
contiguously as the table content.
c. These 16 elements are chosen from 8 sections.
d. Section is located and numbered by 0 through 7.
Ring trigger mode:
a. A section-by-section phrase is accessed by TG0,
low active.
b. This phrase is composed of 16 element (section)s
contiguously as the table content.
c. Each single trigger plays next one element (section)
following above sequence.
d. These 16 elements are chosen from 8 sections.
e. Section is located and numbered by 0 through 7.
CPU addressing mode:
a. 64 sections can be accessed by 6 address bits
with enable strobe trigger.
b. Section is located and numbered by 0 through 63.
c. The address bit is high true.
Mask option for either retriggerable output or not.
Mask option for either Level or Edge trigger type.
For all four modes, retrigger action restarts playing
from the beginning.
One BUSY output signal is available.
Automatic power down function(selected by external
input, pwr).
General Description
PID216C 12/93
1
Block Diagram
The MSS1506 is a single-chip CMOS LSI ROM that can memorize voice up to 15 seconds using MOSEL
qualified coding method (MPCM).
Four addressing interfaces are provided: CPU mode, Stand Alone mode, Ring Trigger mode and Table Trigger
mode for versatile applications. The voice content can be stored separatly into 64 or 8 or 16 sections or 1
phrase with arbitary length.
With minimum external components,
this chip can be applied to various
application. Customer voice is edited and programmed into ROM by changing one mask during fabrication.
V
VSS
DD
ADDRESS GENERATOR and
KEY SWITCH INTERFACE
TG0
TG1
TG2
TG3
TG4
TG5
TG6/E1
TG7/E2
PWR
BUSY
COUT
VOUT2
OSC
2
1
18
17
16
15
14
13
12
11
3
10
4
7
8
9
VOUT1
CLOCK
GENERATOR
VOICE
DATA ROM
MPCM
DECODER
BUFFERS
•\؇
°G
≥ʧ@§uß@πq¿£¨∞
2.4
•ÒØS
°„6.0 •ÒØS°C
•i•H
±¿∞ ∏¡ªÔæπ©Œ¬«¥π≈ȱ¿∞
8
Ω≥‚•z°C
64
¨q(©Œ8¨q)¡n
≠µ§∫Æe°A§∫Æe¡`™¯´◊¨∞
15
¨Ì
°A®C¨qªy≠µ±a
¿R
≠µÆ…∂°™¯´◊•iπF
48
¨Ì
°C
≥§@≠”¶£∏L´H∏πøÈ•X
•i•H
≥zπL•˙∏nøÔæ‹πq•≠ƒ≤µo©Œ¨O√‰Ωtƒ≤µo°C
°
¥£®—
4
≠”±µ§f©Ò≠µ§Ë¶°°G∑L昩wß}°B°B≥Ê•y¥`¿Ù¶°°B
æ„•y¶
°°C
®‰•L•\؇
Ω–∏‘•ª•Û•L≥Bª°©˙
øW•fl©Ò
≠µ§U•i•HßQ•Œ
8
≠”´ˆ¡‰(TGn )©Ò≠µ8≠”≥ʵ¸°C
≥Ê•yæ„•y¶°•i•H§@¶∏©Ò•X§@•y∏‹°A≥o•y∏‹•i•H¶≥
16
≠”¶r°A
≥o≠”¶r•i•H¨O8¨q§§•Ù∑N§@¨q°C
≥Ê•y¥`¿Ù¶°¶p¶P≥Ê•yæ„•y¶°°A±©®Cƒ≤µo§@¶∏´ˆß«øÈ•X§
∑L昩wß}§U•i•H©Ò≠µ
64
≠”≥ʶr≥ʵ¸°C
•i•H
≥zπL•˙∏nøÔæ‹•i•H≥Q´·¨qª\±º©Œ¨O§£≠n
¶¤
∞ ∂i§J¨Ÿπq™¨∫A°C
Contact your sales representative for the most recent information


同様の部品番号 - MSS1506

メーカー部品番号データシート部品情報
logo
Mosel Vitelic, Corp
MSS1507 MOSEL-MSS1507 Datasheet
384Kb / 39P
3/ 6/ 9/ 12 / 15 / 18 VOICE ROM
MSS1507 MOSEL-MSS1507 Datasheet
8Kb / 1P
15 Voice VROM
More results

同様の説明 - MSS1506

メーカー部品番号データシート部品情報
logo
Mosel Vitelic, Corp
MSS0271 MOSEL-MSS0271 Datasheet
62Kb / 12P
2.7 VOICE ROM
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
VOICE ROM
MSS0306-1 MOSEL-MSS0306-1 Datasheet
167Kb / 19P
3 VOICE ROM
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
VOICE ROM
MSS2105 MOSEL-MSS2105 Datasheet
7Kb / 1P
21 Voice ROM
MSS3205 MOSEL-MSS3205 Datasheet
8Kb / 1P
32 Voice ROM
MSS4305 MOSEL-MSS4305 Datasheet
7Kb / 1P
43 Voice ROM
logo
OKI electronic componet...
MSM6595A OKI-MSM6595A Datasheet
165Kb / 13P
1-Mbit Serial Voice ROM
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
2-Mbit Serial Voice ROM
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
3-Mbit Serial Voice ROM
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com