| データシートサーチシステム |
|
STTS424E02CDA6F データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTS424E02CDA6F データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 7 page ![]() STTS424E02 Part numbering 5/7 Part numbering Table 2. Ordering information scheme For other options, or for more information on any aspect of this device, please contact the ST sales office nearest you. Example: STTS424E02 C DA 6 F Device type STTS424E02 Grade C: Maximum accuracy 75°C to 95°C = ± 2°C B: Maximum accuracy 75°C to 95°C = ± 1°C(1) 1. Contact local ST sales office for availability. Package DA = DFN8 DW = TSSOP8 (4.4mm x 3 mm body size)(1) Temperature -40°C to 85°C Shipping method F = ECOPACK package, tape & reel packing E = ECOPACK package, tube packing |