| データシートサーチシステム |
|
STTH1512W データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH1512W データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 11 page ![]() STTH1512 Characteristics 3/11 Table 4. Dynamic characteristics Symbol Parameter Test conditions Min. Typ Max. Unit trr Reverse recovery time IF = 1 A, dIF/dt = -50 A/µs, VR = 30 V, Tj = 25° C 105 ns IF = 1 A, dIF/dt = -100 A/µs, VR = 30 V, Tj = 25° C 53 75 IRM Reverse recovery current IF = 15 A, dIF/dt = -200 A/µs, VR = 600 V, Tj = 125° C 20 28 A S Softness factor IF = 15 A, dIF/dt = -200 A/µs, VR = 600 V, Tj = 125° C 1.5 tfr Forward recovery time IF = 15 A dIF/dt = 50 A/µs VFR = 1.5 x VFmax, Tj = 25° C 600 ns VFP Forward recovery voltage IF = 15 A, dIF/dt = 50 A/µs, Tj = 25° C 5.5 V Figure 1. Conduction losses versus average current Figure 2. Forward voltage drop versus forward current 0 5 10 15 20 25 30 35 0 2 4 6 8 1012 141618 P(W) T δ=tp/T tp δ = 0.05 δ = 1 I (A) F(AV) δ = 0.1 δ = 0.2 δ = 0.5 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 I (A) FM V (V) FM T =25°C (maximum values) j T =150°C (maximum values) j T =150°C (typical values) j |