データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM111 データシート(PDF) 10 Page - STMicroelectronics

部品番号 LM111
部品情報  Voltage comparator with strobe
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM111 データシート(HTML) 10 Page - STMicroelectronics

Back Button LM111 Datasheet HTML 6Page - STMicroelectronics LM111 Datasheet HTML 7Page - STMicroelectronics LM111 Datasheet HTML 8Page - STMicroelectronics LM111 Datasheet HTML 9Page - STMicroelectronics LM111 Datasheet HTML 10Page - STMicroelectronics LM111 Datasheet HTML 11Page - STMicroelectronics LM111 Datasheet HTML 12Page - STMicroelectronics LM111 Datasheet HTML 13Page - STMicroelectronics LM111 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Package mechanical data
LM111-LM211-LM311
10/14
5
Package mechanical data
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a Lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14