データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM323 データシート(PDF) 2 Page - STMicroelectronics

部品番号 LM323
部品情報  THREE-TERMINAL 3A-5V POSITIVE VOLTAGE REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM323 データシート(HTML) 2 Page - STMicroelectronics

  LM323 Datasheet HTML 1Page - STMicroelectronics LM323 Datasheet HTML 2Page - STMicroelectronics LM323 Datasheet HTML 3Page - STMicroelectronics LM323 Datasheet HTML 4Page - STMicroelectronics LM323 Datasheet HTML 5Page - STMicroelectronics LM323 Datasheet HTML 6Page - STMicroelectronics LM323 Datasheet HTML 7Page - STMicroelectronics LM323 Datasheet HTML 8Page - STMicroelectronics LM323 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SCHEMATIC DIAGRAM
Case
VI
VO
GND
TO-3
1
2
Case
TO-220
1
2
3
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
VI
Input Voltage
20
V
IO
Output Current
Internally Limited
Ptot
Power Dissipation
Internally Limited
Toper
Operating Junction Temperature Range
LM123
-55 to 150
oC
LM223
-25 to 150
LM323
0 to 125
Tstg
Storage Temperature Range
-65 to 150
oC
THERMAL CHARACTERISTICS
Symbol
Parameter
Typ.
Max.
Unit
Rthj-case Junction-case Thermal Resistance
TO-3
2
oC/W
TO-220
3
Rthj-amb Junction-ambient Thermal Resistance
TO-3
35
oC/W
TO-220
50
LM123-LM223-LM323
2/9



Html Pages

1 2 3 4 5 6 7 8 9