データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F15213 データシート(PDF) 60 Page - Microchip Technology

部品番号 PIC16F15213
部品情報  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 データシート(HTML) 60 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 56Page - Microchip Technology PIC16F15213 Datasheet HTML 57Page - Microchip Technology PIC16F15213 Datasheet HTML 58Page - Microchip Technology PIC16F15213 Datasheet HTML 59Page - Microchip Technology PIC16F15213 Datasheet HTML 60Page - Microchip Technology PIC16F15213 Datasheet HTML 61Page - Microchip Technology PIC16F15213 Datasheet HTML 62Page - Microchip Technology PIC16F15213 Datasheet HTML 63Page - Microchip Technology PIC16F15213 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 408 page
background image
9.8
Register Summary: Memory Organization
Offset
Name
Bit Pos.
7
6
5
4
3
2
1
0
0x00
INDF0
7:0
INDF0[7:0]
0x01
INDF1
7:0
INDF1[7:0]
0x02
PCL
7:0
PCL[7:0]
0x03
STATUS
7:0
TO
PD
Z
DC
C
0x04
FSR0
7:0
FSR0[7:0]
15:8
FSR0[15:8]
0x06
FSR1
7:0
FSR1[7:0]
15:8
FSR1[15:8]
0x08
BSR
7:0
BSR[5:0]
0x09
WREG
7:0
WREG[7:0]
0x0A
PCLATH
7:0
PCLATH[6:0]
PIC16F15225/45
Memory Organization
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More