データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STB30NF10 データシート(PDF) 12 Page - STMicroelectronics

部品番号 STB30NF10
部品情報  N-channel 100V - 0.038Ω - 35A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB30NF10 データシート(HTML) 12 Page - STMicroelectronics

Back Button STB30NF10_06 Datasheet HTML 8Page - STMicroelectronics STB30NF10_06 Datasheet HTML 9Page - STMicroelectronics STB30NF10_06 Datasheet HTML 10Page - STMicroelectronics STB30NF10_06 Datasheet HTML 11Page - STMicroelectronics STB30NF10_06 Datasheet HTML 12Page - STMicroelectronics STB30NF10_06 Datasheet HTML 13Page - STMicroelectronics STB30NF10_06 Datasheet HTML 14Page - STMicroelectronics STB30NF10_06 Datasheet HTML 15Page - STMicroelectronics STB30NF10_06 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Package mechanical data
STB30NF10 - STP30NF10 - STP30NF10FP
12/16
L2
L6
L3
12 3
L7
L4
L5
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.7
0.017
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.7
0.045
0.067
F2
1.15
1.7
0.045
0.067
G
4.95
5.2
0.195
0.204
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.8
10.6
.0385
0.417
L5
2.9
3.6
0.114
0.141
L6
15.9
16.4
0.626
0.645
L7
9
9.3
0.354
0.366
Ø
3
3.2
0.118
0.126
TO-220FP MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16