データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STB55NF06-1 データシート(PDF) 16 Page - STMicroelectronics

部品番号 STB55NF06-1
部品情報  N-channel 60V - 0.015Ω - 50A - D2PAK/I2PAK/TO-220/TO-220FP STripFET??II Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB55NF06-1 データシート(HTML) 16 Page - STMicroelectronics

Back Button STB55NF06-1 Datasheet HTML 10Page - STMicroelectronics STB55NF06-1 Datasheet HTML 11Page - STMicroelectronics STB55NF06-1 Datasheet HTML 12Page - STMicroelectronics STB55NF06-1 Datasheet HTML 13Page - STMicroelectronics STB55NF06-1 Datasheet HTML 14Page - STMicroelectronics STB55NF06-1 Datasheet HTML 15Page - STMicroelectronics STB55NF06-1 Datasheet HTML 16Page - STMicroelectronics STB55NF06-1 Datasheet HTML 17Page - STMicroelectronics STB55NF06-1 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Packaging mechanical data
STB55NF06 - STB55NF06-1 - STP55NF06 - STP55NF06FP
16/18
5
Packaging mechanical data
TAPE AND REEL SHIPMENT
D2PAK FOOTPRINT
* on sales type
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A
330
12.992
B
1.5
0.059
C
12.8
13.2
0.504
0.520
D
20.2
0795
G
24.4
26.4
0.960
1.039
N
100
3.937
T
30.4
1.197
BASE QTY
BULK QTY
1000
1000
REEL MECHANICAL DATA
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A0
10.5
10.7
0.413 0.421
B0
15.7
15.9
0.618 0.626
D
1.5
1.6
0.059 0.063
D1
1.59
1.61
0.062 0.063
E
1.65
1.85
0.065 0.073
F
11.4
11.6
0.449 0.456
K0
4.8
5.0
0.189 0.197
P0
3.9
4.1
0.153 0.161
P1
11.9
12.1
0.468 0.476
P2
1.9
2.1
0.075 0.082
R
50
1.574
T
0.25
0.35 0.0098 0.0137
W
23.7
24.3
0.933 0.956
TAPE MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18