| データシートサーチシステム |
|
STP50NF25 データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP50NF25 データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 14 page ![]() STB50NF25 - STP50NF25 Electrical characteristics 5/14 Table 7. Switching times Symbol Parameter Test conditions Min Typ Max Unit td(on) tr Turn-on delay time Rise time VDD = 125 V, ID = 22 A, RG = 4.7 Ω, VGS = 10 V (see Figure 13) 45 26 ns ns td(off) tf Off-voltage rise time Fall time VDD = 125 V, ID = 22 A, RG = 4.7 Ω, VGS = 10 V (see Figure 13) 63 20 ns ns Table 8. Source drain diode Symbol Parameter Test conditions Min Typ Max Unit ISD ISDM Source-drain current Source-drain current (pulsed) 45 180 A A VSD Forward on voltage ISD = 45 A, VGS = 0 1.5 V trr Qrr IRRM Reverse recovery time Reverse recovery charge Reverse recovery current ISD= 45 A, di/dt = 100 A/µs, VDD = 60 V (see Figure 18) 198 1.5 15 ns µC A trr Qrr IRRM Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 45 A, di/dt = 100 A/µs, VDD = 60 V, Tj = 150 °C (see Figure 18) 256 2.2 17 ns µC A |