データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ASGPDF254.A データシート(PDF) 27 Page - Taoglas antenna solutions

部品番号 ASGPDF254.A
部品情報  Active GNSS Surface Mount Patch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAOGLAS [Taoglas antenna solutions]
ホームページ  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

ASGPDF254.A データシート(HTML) 27 Page - Taoglas antenna solutions

Back Button ASGPDF254.A Datasheet HTML 23Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 24Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 25Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 26Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 27Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 28Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 29Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 30Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 31Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
26
www.taoglas.com
SPE-23-8-190-A
9.
Solder Reflow Profile
The
ASGPDF254.A can be assembled by following the recommended soldering temperatures are
as follows:
The is not limited to the number of passes through the reflow process. Smaller components are
typically mounted on the first pass, however, we do advise mounting the when placing larger
components on the board during subsequent reflows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31