データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1G3234 データシート(PDF) 13 Page - STMicroelectronics

部品番号 ST1G3234
部品情報  1-bit dual supply bus buffer level translator with A-side series resistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1G3234 データシート(HTML) 13 Page - STMicroelectronics

Back Button ST1G3234 Datasheet HTML 7Page - STMicroelectronics ST1G3234 Datasheet HTML 8Page - STMicroelectronics ST1G3234 Datasheet HTML 9Page - STMicroelectronics ST1G3234 Datasheet HTML 10Page - STMicroelectronics ST1G3234 Datasheet HTML 11Page - STMicroelectronics ST1G3234 Datasheet HTML 12Page - STMicroelectronics ST1G3234 Datasheet HTML 13Page - STMicroelectronics ST1G3234 Datasheet HTML 14Page - STMicroelectronics ST1G3234 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ST1G3234
Package mechanical data
13/15
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
178
6.926
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
49
50
51
1.929
1.969
2.008
T
12.4
0.488
Ao
1.60
1.65
1.70
0.063
0.065
0.067
Bo
1.27
1.32
1.37
0.050
0.052
0.054
Ko
0.76
0.81
0.86
0.030
0.032
0.034
Po
3.9
4
4.1
0.153
0.157
0.161
P
3.9
4
4.1
0.153
0.157
0.161
Tape & Reel Flip-Chip 5 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15