| データシートサーチシステム |
|
P50-080P-R1-EA データシート(PDF) 2 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
P50-080P-R1-EA データシート(HTML) 2 Page - 3M Electronics |
|
2 / 7 page ![]() 3 Electronic Solutions Division Interconnect Solutions http://www.3Mconnector.com 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 3M™ Pak 50 Boardmount Plug .050" Through-Hole, Straight and Right Angle, with Ret. Clips, Flng. Option P50 Series TS-2046-B Sheet 2 of 5 Contact Quantity A B C D 20 25.43 [1.001] 20.32 [0.800] 15.83 [0.623] 11.43 [0.450] 26 29.24 [1.151] 24.13 [0.950] 19.64 [0.773] 15.24 [0.600] 30 31.78 [1.251] 26.67 [1.050] 22.18 [0.873] 17.78 [0.700] 32 33.05 [1.301] 27.94 [1.100] 23.45 [0.923] 19.05 [0.750] 34 34.32 [1.351] 29.21 [1.150] 24.72 [0.973] 20.32 [0.800] 40 38.13 [1.501] 33.02 [1.300] 28.53 [1.123] 24.13 [0.950] Contact Quantity A B C D 50 44.48 [1.751] 39.37 [1.550] 34.88 [1.373] 30.48 [1.200] 52 45.75 [1.801] 40.64 [1.600] 36.15 [1.423] 31.75 [1.250] 60 50.83 [2.001] 45.72 [1.800] 41.23 [1.623] 36.83 [1.450] 68 55.91 [2.201] 50.80 [2.000] 46.31 [1.823] 41.91 [1.650] 80 63.53 [2.501] 58.42 [2.300] 53.93 [2.123] 49.53 [1.950] 100 76.23 [3.001] 71.12 [2.800] 66.63 [2.623] 62.23 [2.450] With Retention Clips Without Retention Clips Shown with Retention Clips Product Table / Dimensions for Straight with Flanges, with or without Retention Clips |