データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P50-80-R1-EA データシート(PDF) 3 Page - 3M Electronics

部品番号 P50-80-R1-EA
部品情報  3M™ Pak 50 Boardmount Plug .050" Through-Hole, Straight and Right Angle, with Ret. Clips, Flng. Option
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  3M [3M Electronics]
ホームページ  http://www.3m.com
Logo 3M - 3M Electronics

P50-80-R1-EA データシート(HTML) 3 Page - 3M Electronics

  P50-80-R1-EA Datasheet HTML 1Page - 3M Electronics P50-80-R1-EA Datasheet HTML 2Page - 3M Electronics P50-80-R1-EA Datasheet HTML 3Page - 3M Electronics P50-80-R1-EA Datasheet HTML 4Page - 3M Electronics P50-80-R1-EA Datasheet HTML 5Page - 3M Electronics P50-80-R1-EA Datasheet HTML 6Page - 3M Electronics P50-80-R1-EA Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Pak 50 Boardmount Plug
.050" Through-Hole, Straight and Right Angle, with Ret. Clips, Flng. Option
P50 Series
TS-2046-B
Sheet 3 of 5
Ordering Information
P5X - XXXP - XXX - EA
Contact Quantity:
See Table
Mounting Options:
0 = With Flanges
1 = Without Flanges,
offered without
retention clips only
Solder Tail and Clip Options:
S1 = Straight without Retention Clips
SR1 = Right Angle without Retention Clips
R1 = Straight with Retention Clips
RR1 = Right Angle with Retention Clips
Contact
Quantity
A
B
C
20
17.83
[0.702]
15.83
[0.623]
11.43
[0.450]
26
21.64
[0.852]
19.64
[0.773]
15.24
[0.600]
30
24.18
[0.952]
22.18
[0.873]
17.78
[0.700]
32
25.45
[1.002]
23.45
[0.923]
19.05
[0.750]
34
26.72
[1.052]
24.72
[0.973]
20.32
[0.800]
40
30.53
[1.202]
28.53
[1.123]
24.13
[0.950]
Contact
Quantity
A
B
C
50
36.88
[1.452]
34.88
[1.373]
30.48
[1.200]
52
38.15
[1.502]
36.15
[1.423]
31.75
[1.250]
60
43.23
[1.702]
41.23
[1.623]
36.83
[1.450]
68
48.31
[1.902]
46.31
[1.823]
41.91
[1.650]
80
55.93
[2.202]
53.93
[2.123]
49.53
[1.950]
100
68.63
[2.702]
66.63
[2.623]
62.23
[2.450]
Product Table / Dimensions for Straight without Flanges



Html Pages

1 2 3 4 5 6 7