| データシートサーチシステム |
|
STM32L462CEU6 データシート(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L462CEU6 データシート(HTML) 79 Page - STMicroelectronics |
|
79 / 198 page ![]() DocID029969 Rev 1 79/198 STM32L462CE STM32L462RE STM32L462VE Memory mapping 80 APB2 0x4001 6400 - 0x4001 FFFF 39 KB Reserved 0x4001 6000 - 0x4000 63FF 1 KB DFSDM1 0x4001 5800 - 0x4001 5FFF 2 KB Reserved 0x4001 5400 - 0x4000 57FF 1 KB SAI1 0x4001 4800 - 0x4000 53FF 3 KB Reserved 0x4001 4400 - 0x4001 47FF 1 KB TIM16 0x4001 4000 - 0x4001 43FF 1 KB TIM15 0x4001 3C00 - 0x4001 3FFF 1 KB Reserved 0x4001 3800 - 0x4001 3BFF 1 KB USART1 0x4001 3400 - 0x4001 37FF 1 KB Reserved APB2 0x4001 3000 - 0x4001 33FF 1 KB SPI1 0x4001 2C00 - 0x4001 2FFF 1 KB TIM1 0x4001 2800 - 0x4001 2BFF 1 KB SDMMC1 0x4001 2000 - 0x4001 27FF 2 KB Reserved 0x4001 1C00 - 0x4001 1FFF 1 KB FIREWALL 0x4001 0800- 0x4001 1BFF 5 KB Reserved 0x4001 0400 - 0x4001 07FF 1 KB EXTI 0x4001 0200 - 0x4001 03FF 1 KB COMP 0x4001 0030 - 0x4001 01FF VREFBUF 0x4001 0000 - 0x4001 002F SYSCFG Table 16. STM32L462xx memory map and peripheral register boundary addresses(1) (continued) Bus Boundary address Size(bytes) Peripheral |