| データシートサーチシステム |
|
STM32L462CEU6 データシート(PDF) 195 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L462CEU6 データシート(HTML) 195 Page - STMicroelectronics |
|
195 / 198 page ![]() DocID029969 Rev 1 195/198 STM32L462CE STM32L462RE STM32L462VE Package information 195 In this case, parts must be ordered at least with the temperature range suffix 3 (see Section 8: Part numbering) unless we reduce the power dissipation in order to be able to use suffix 6 parts. Refer to Figure 57 to select the required temperature range (suffix 6 or 3) according to your ambient temperature or power requirements. Figure 57. LQFP64 PD max vs. TA |