| データシートサーチシステム |
|
116010 データシート(PDF) 3 Page - RUKO GmbH Präzisionswerkzeuge |
|
|
|||||||||||||||||||||||||||||
116010 データシート(HTML) 3 Page - RUKO GmbH Präzisionswerkzeuge |
|
3 / 6 page ![]() 1.8 1.8 - 175 - L1 L2 L1 L2 Rotary burrs Tungsten carbide rotary burrs shape C oval (WRC) Finish: Shape C oval (WRC) Cutting: Cross toothing Toothing: CT 4 Surface: bright The high-performance tungsten carbide rotary burrs provide maximum cutting edge stability with a simultaneous high tenacity of the cutting edge. The cross toothing provides a higher cutting capacity compared with the simple too- thing. This particularly has a positive effect on materials which are difficult to cut. Fields of application: for high-alloy steels, non- rusting steels, acid-resistant steels, heat-resis- tant steels, die-casts and plastics. To de-bur, break edges, trim, pro-cess welding seams, surface processing. Tungsten carbide rotary burrs shape G tree (SPG) Finish: Shape G tree (SPG) Cutting: Cross toothing Toothing: CT 4 Surface: bright The high-performance tungsten carbide rotary burrs provide maximum cutting edge stability with a simultaneous high tenacity of the cutting edge. The cross toothing provides a higher cutting capacity compared with the simple too- thing. This particularly has a positive effect on materials which are difficult to cut. Fields of application: for high-alloy steels, non- rusting steels, acid-resistant steels, heat-resis- tant steels, die-casts and plastics. To de-bur, break edges, trim, pro-cess welding seams, surface processing. Packing unit: each in plastic packaging Packing unit: each in plastic packaging Ø-D1 mm L2 mm Total length L1 min. mm Shank-Ø D2 mm Article no. Price / each € 3,0 14,0 38,0 3,0 116 048 6,0 18,0 56,0 6,0 116 020 8,0 18,0 60,0 6,0 116 021 10,0 20,0 60,0 6,0 116 022 12,0 25,0 65,0 6,0 116 023 16,0 25,0 65,0 6,0 116 024 Ø-D1 mm L2 mm Total length L1 min. mm Shank-Ø D2 mm Article no. Price / each € 3,0 13,0 38,0 3,0 116 049 6,0 18,0 58,0 6,0 116 025 8,0 18,0 60,0 6,0 116 026 10,0 20,0 60,0 6,0 116 027 12,0 25,0 65,0 6,0 116 028 16,0 25,0 70,0 6,0 116 029 |
|
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |