データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L462CEI3 データシート(PDF) 30 Page - STMicroelectronics

部品番号 STM32L462CEI3
部品情報  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 512KB Flash, 160KB SRAM, analog, audio, AES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L462CEI3 データシート(HTML) 30 Page - STMicroelectronics

Back Button STM32L462CEI3 Datasheet HTML 26Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 27Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 28Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 29Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 30Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 31Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 32Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 33Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 198 page
background image
Functional overview
STM32L462CE STM32L462RE STM32L462VE
30/198
DocID029969 Rev 1
interrupt is generated if enabled. LSE failure can also be detected and generated an
interrupt.
•
Clock-out capability:
–
MCO: microcontroller clock output: it outputs one of the internal clocks for
external use by the application
–
LSCO: low speed clock output: it outputs LSI or LSE in all low-power modes
(except VBAT).
Several prescalers allow to configure the AHB frequency, the high speed APB (APB2) and
the low speed APB (APB1) domains. The maximum frequency of the AHB and the APB
domains is 80 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More