| データシートサーチシステム |
|
IRFZ24VPBF データシート(PDF) 8 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFZ24VPBF データシート(HTML) 8 Page - International Rectifier |
|
8 / 9 page ![]() IRFZ24VPbF 8 www.irf.com Data and specifications subject to change without notice. This product has been designed and qualified for the industrial market. Qualification Standards can be found on IR’s Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.8/04 LEAD ASSIGNMENTS 1 - GATE 2 - DRAIN 3 - SOURCE 4 - DRAIN - B - 1.32 (.052) 1.22 (.048) 3X 0.55 (.022) 0.46 (.018) 2.92 (.115) 2.64 (.104) 4.69 (.185) 4.20 (.165) 3X 0.93 (.037) 0.69 (.027) 4.06 (.160) 3.55 (.140) 1.15 (.045) MIN 6.47 (.255) 6.10 (.240) 3.78 (.149) 3.54 (.139) - A - 10.54 (.415) 10.29 (.405) 2.87 (.113) 2.62 (.103) 15.24 (.600) 14.84 (.584) 14.09 (.555) 13.47 (.530) 3X 1.40 (.055) 1.15 (.045) 2.54 (.100) 2X 0.36 (.014) M B A M 4 1 2 3 NOTES: 1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB. 2 CONTROLLING DIMENSION : INCH 4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS. HEXFET 1- GATE 2- DRAIN 3- SOURCE 4- DRAIN LEAD ASSIGNMENTS IGBTs, CoPACK 1- GATE 2- COLLECTOR 3- EMITTER 4- COLLECTOR TO-220AB Package Outline Dimensions are shown in millimeters (inches) TO-220AB Part Marking Information EXAMPL E : IN T HE ASSEMB L Y LINE "C" T HIS IS AN IRF 1010 LOT CODE 1789 AS S E MB L E D ON WW 19, 1997 PART NU MB E R AS S E MB L Y LOT CODE DAT E CODE YE AR 7 = 1997 LINE C WEEK 19 LOGO RE CT IF IE R INT E RNAT IONAL Note: "P" in assembly line position indicates "Lead-Free" |