データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317M データシート(PDF) 6 Page - STMicroelectronics

部品番号 LM317M
部品情報  MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM317M データシート(HTML) 6 Page - STMicroelectronics

Back Button LM317M Datasheet HTML 2Page - STMicroelectronics LM317M Datasheet HTML 3Page - STMicroelectronics LM317M Datasheet HTML 4Page - STMicroelectronics LM317M Datasheet HTML 5Page - STMicroelectronics LM317M Datasheet HTML 6Page - STMicroelectronics LM317M Datasheet HTML 7Page - STMicroelectronics LM317M Datasheet HTML 8Page - STMicroelectronics LM317M Datasheet HTML 9Page - STMicroelectronics LM317M Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Figure 5 : Voltage Regulator with Protection Diodes.
Figure 6 : Slow Turn-on 15V Regulator.
Figure 7 : Current Regulator.
Io =
Vref
R1
+ IADJ ≈
1.25
V
R1
Figure 8 : 5V Electronic Shut-down Regulator.
Figure 9 : Digitally Selected Outputs.
(R2 sets maximum Vo)
LM317M
LM317M
LM317M
LM317M
LM317M
LM217M/LM317M
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11