データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M25P80-VMP6P データシート(PDF) 7 Page - Numonyx B.V

部品番号 M25P80-VMP6P
部品情報  8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NUMONYX [Numonyx B.V]
ホームページ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P80-VMP6P データシート(HTML) 7 Page - Numonyx B.V

Back Button M25P80-VMP6P Datasheet HTML 3Page - Numonyx B.V M25P80-VMP6P Datasheet HTML 4Page - Numonyx B.V M25P80-VMP6P Datasheet HTML 5Page - Numonyx B.V M25P80-VMP6P Datasheet HTML 6Page - Numonyx B.V M25P80-VMP6P Datasheet HTML 7Page - Numonyx B.V M25P80-VMP6P Datasheet HTML 8Page - Numonyx B.V M25P80-VMP6P Datasheet HTML 9Page - Numonyx B.V M25P80-VMP6P Datasheet HTML 10Page - Numonyx B.V M25P80-VMP6P Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
M25P80
Description
7/52
Figure 2.
VFQFPN and SO8 connections
1.
There is an exposed central pad on the underside of the VFQFPN package. This is pulled, internally, to
VSS, and must not be allowed to be connected to any other voltage or signal line on the PCB.
2.
See Package mechanical section for package dimensions, and how to identify pin-1.
1
AI04965B
2
3
4
8
7
6
5
D
VSS
C
HOLD
Q
SVCC
W
M25P80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52