| データシートサーチシステム |
|
M25P10-AVMP6/X データシート(PDF) 30 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
M25P10-AVMP6/X データシート(HTML) 30 Page - Numonyx B.V |
|
30 / 51 page ![]() Instructions M25P10-A 30/51 6.11 Deep Power-down (DP) Executing the Deep Power-down (DP) instruction is the only way to put the device in the lowest consumption mode (the Deep Power-down mode). It can also be used as a software protection mechanism, while the device is not in active use, as in this mode, the device ignores all write, program and erase instructions. Driving Chip Select (S) High deselects the device, and puts the device in the Standby mode (if there is no internal cycle currently in progress). But this mode is not the Deep Power- down mode. The Deep Power-down mode can only be entered by executing the Deep Power-down (DP) instruction, to reduce the standby current (from ICC1 to ICC2, as specified in Table 14). To take the device out of Deep Power-down mode, the Release from Deep Power-down and Read Electronic Signature (RES) instruction must be issued. No other instruction must be issued while the device is in Deep Power-down mode. The Release from Deep Power-down, and Read Electronic Signature (RES) instruction and the Read Identification (RDID) instruction also allow the electronic signature of the device to be output on Serial Data output (Q). The Deep Power-down mode automatically stops at power-down, and the device always powers-up in the Standby mode. The Deep Power-down (DP) instruction is entered by driving Chip Select (S) Low, followed by the instruction code on Serial Data input (D). Chip Select (S) must be driven Low for the entire duration of the sequence. The instruction sequence is shown in Figure 17. Chip Select (S) must be driven High after the eighth bit of the instruction code has been latched in, otherwise the Deep Power-down (DP) instruction is not executed. As soon as Chip Select (S) is driven High, it requires a delay of tDP before the supply current is reduced to ICC2 and the Deep Power-down mode is entered. Any Deep Power-down (DP) instruction, while an Erase, Program or Write cycle is in progress, is rejected without having any effects on the cycle that is in progress. Figure 17. Deep Power-down (DP) instruction sequence C D AI03753D S 2 1 34567 0 tDP Deep Power-down mode Standby mode Instruction |