データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP2985 データシート(PDF) 22 Page - Texas Instruments

部品番号 LP2985
部品情報  150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LP2985 データシート(HTML) 22 Page - Texas Instruments

Back Button LP2985_08 Datasheet HTML 17Page - Texas Instruments LP2985_08 Datasheet HTML 18Page - Texas Instruments LP2985_08 Datasheet HTML 19Page - Texas Instruments LP2985_08 Datasheet HTML 20Page - Texas Instruments LP2985_08 Datasheet HTML 21Page - Texas Instruments LP2985_08 Datasheet HTML 22Page - Texas Instruments LP2985_08 Datasheet HTML 23Page - Texas Instruments LP2985_08 Datasheet HTML 24Page - Texas Instruments LP2985_08 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP2985A-28DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985A-28DBVT
SOT-23
DBV
5
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985A-29DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985A-29DBVT
SOT-23
DBV
5
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985A-30DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985A-30DBVT
SOT-23
DBV
5
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985A-33DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985A-33DBVT
SOT-23
DBV
5
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985A-50DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985A-50DBVT
SOT-23
DBV
5
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LP2985-18DBVR
SOT-23
DBV
5
3000
205.0
200.0
33.0
LP2985-18DBVT
SOT-23
DBV
5
250
205.0
200.0
33.0
LP2985-25DBVR
SOT-23
DBV
5
3000
205.0
200.0
33.0
LP2985-25DBVT
SOT-23
DBV
5
250
205.0
200.0
33.0
LP2985-28DBVR
SOT-23
DBV
5
3000
205.0
200.0
33.0
LP2985-28DBVT
SOT-23
DBV
5
250
205.0
200.0
33.0
LP2985-29DBVR
SOT-23
DBV
5
3000
205.0
200.0
33.0
PACKAGE MATERIALS INFORMATION
www.ti.com
31-Mar-2008
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25