データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M25P10-AVMP6/Y データシート(PDF) 7 Page - Numonyx B.V

部品番号 M25P10-AVMP6/Y
部品情報  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NUMONYX [Numonyx B.V]
ホームページ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMP6/Y データシート(HTML) 7 Page - Numonyx B.V

Back Button M25P10-AVMP6/Y Datasheet HTML 3Page - Numonyx B.V M25P10-AVMP6/Y Datasheet HTML 4Page - Numonyx B.V M25P10-AVMP6/Y Datasheet HTML 5Page - Numonyx B.V M25P10-AVMP6/Y Datasheet HTML 6Page - Numonyx B.V M25P10-AVMP6/Y Datasheet HTML 7Page - Numonyx B.V M25P10-AVMP6/Y Datasheet HTML 8Page - Numonyx B.V M25P10-AVMP6/Y Datasheet HTML 9Page - Numonyx B.V M25P10-AVMP6/Y Datasheet HTML 10Page - Numonyx B.V M25P10-AVMP6/Y Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
M25P10-A
Description
7/51
Figure 2.
SO, VFQFPN and UFDFPN8 connections
1.
There is an exposed die paddle on the underside of the MLP8 packages. This is pulled, internally, to VSS,
and must not be allowed to be connected to any other voltage or signal line on the PCB.
2.
See Package mechanical section for package dimensions, and how to identify pin-1.
1
AI05761B
2
3
4
8
7
6
5
D
VSS
C
HOLD
Q
SVCC
W
M25P10-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51