データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M5482B7 データシート(PDF) 5 Page - STMicroelectronics

部品番号 M5482B7
部品情報  LED DISPLAY DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5482B7 データシート(HTML) 5 Page - STMicroelectronics

  M5482B7 Datasheet HTML 1Page - STMicroelectronics M5482B7 Datasheet HTML 2Page - STMicroelectronics M5482B7 Datasheet HTML 3Page - STMicroelectronics M5482B7 Datasheet HTML 4Page - STMicroelectronics M5482B7 Datasheet HTML 5Page - STMicroelectronics M5482B7 Datasheet HTML 6Page - STMicroelectronics M5482B7 Datasheet HTML 7Page - STMicroelectronics M5482B7 Datasheet HTML 8Page - STMicroelectronics M5482B7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
M5482
TYPICAL APPLICATION
Figure 6. BASIC electronically tuned TV system
POWER DISSIPATION OF THE IC
The power dissipation of the IC can be limited us-
ing different configurations.
Figure 7.
In this application R must be chosen taking into ac-
count the worst operating conditions.
R is determined by the maximum number of seg-
ments activated.
The worst case condition for the device is when
roughly half of the maximum number of segments
are activated.
It must be checked that the total power dissipation
does not exceed the absolute maximum ratings of
the device.
In critical cases more resistors can be used in con-
junction with groups of segments.In this case the
current variation in the single resistor is reduced
and Ptot limited.
15 SEGMENTS
M5482
DISPLAY DRIVER
PROCESSOR
KEYBOARD
PLL
SYNTHESIZER
LED DISPLAY
VD
VOUT
R
ID
+V C
a)
R
V
C
V
DMAX
–
V
OMIN
–
N
MAX
L
D
----------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10