| データシートサーチシステム |
|
LF45CV5V データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LF45CV5V データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 34 page ![]() LF00 SERIES 21/34 ELECTRICAL CHARACTERISTICS FOR LF85C (refer to the test circuits, Tj = 25°C, CI =0.1 µF, CO =2.2 µF unless otherwise specified.) ELECTRICAL CHARACTERISTICS FOR LF90AB (refer to the test circuits, Tj =25°C, CI =0.1 µF, CO =2.2 µF unless otherwise specified.) Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO = 50 mA, VI = 10.5 V 8.33 8.5 8.67 V IO = 50 mA, VI =10.5V,Ta = -25 to 85°C 8.16 8.84 VI Operating Input Voltage IO = 500 mA 16 V IO Output Current Limit 1 A ∆V O Line Regulation VI = 9.5 to 16 V, IO = 5 mA 8 42 mV ∆V O Load Regulation VI = 9.8 V, IO = 5 to 500 mA 8 42 mV Id Quiescent Current VI = 9.5 to 16V, IO = 0mA ON MODE 0.7 1.5 mA VI = 9.8 to 16V, IO = 500mA 12 VI = 9 V OFF MODE 70 140 µA SVR Supply Voltage Rejection IO =5mA VI = 10.5 ± 1 V f = 120 Hz 72 dB f= 1KHz 67 f = 10 KHz 57 eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage IO = 200 mA 0.2 0.35 V IO = 500 mA 0.4 0.7 VIL Control Input Logic Low Ta = -40 to 125°C 0.8 V VIH Control Input Logic High Ta = -40 to 125°C 2 V II Control Input Current VI =9 V, VC =6V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO =0 to 500mA 2 10 µF Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO = 50 mA, VI = 11 V 8.91 9 9.09 V IO = 50 mA, VI =11V,Ta = -25 to 85°C 8.82 9.18 VI Operating Input Voltage IO = 500 mA 16 V IO Output Current Limit 1 A ∆V O Line Regulation VI =10 to16 V, IO = 5 mA 9 45 mV ∆V O Load Regulation VI = 10.3 V, IO = 5 to 500 mA 9 45 mV Id Quiescent Current VI =10 to16V, IO = 0mA ON MODE 0.7 1.5 mA VI = 10.3 to 16V,IO = 500mA 12 VI = 10 V OFF MODE 70 140 µA SVR Supply Voltage Rejection IO =5mA VI = 11±1V f = 120 Hz 71 dB f= 1KHz 66 f = 10 KHz 56 eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage IO = 200 mA 0.2 0.35 V IO = 500 mA 0.4 0.7 VIL Control Input Logic Low Ta = -40 to 125°C 0.8 V VIH Control Input Logic High Ta = -40 to 125°C 2 V II Control Input Current VI =10 V, VC =6V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO =0 to 500mA 2 10 µF |